Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL53L4CD Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 17Page - STMicroelectronics VL53L4CD Datasheet HTML 18Page - STMicroelectronics VL53L4CD Datasheet HTML 19Page - STMicroelectronics VL53L4CD Datasheet HTML 20Page - STMicroelectronics VL53L4CD Datasheet HTML 21Page - STMicroelectronics VL53L4CD Datasheet HTML 22Page - STMicroelectronics VL53L4CD Datasheet HTML 23Page - STMicroelectronics VL53L4CD Datasheet HTML 24Page - STMicroelectronics VL53L4CD Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
6
Outline drawings
STMicroelectronics delivers any of the two alternative dual source cap assemblies as detailed in the drawings
below. Both versions are transparent for the customer, since the pad and substrate design are identical for both
versions and have no impact on customer PCB design. Ranging performances, reflow, and technical parameters
are identical for all module designs presented in the figures below.
Figure 17. Outline drawing (page 1/4)
VL53L4CD
Outline drawings
DS13812 - Rev 5
page 21/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37