Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL53L1 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce VL53L1
Description  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 9Page - STMicroelectronics VL53L1 Datasheet HTML 10Page - STMicroelectronics VL53L1 Datasheet HTML 11Page - STMicroelectronics VL53L1 Datasheet HTML 12Page - STMicroelectronics VL53L1 Datasheet HTML 13Page - STMicroelectronics VL53L1 Datasheet HTML 14Page - STMicroelectronics VL53L1 Datasheet HTML 15Page - STMicroelectronics VL53L1 Datasheet HTML 16Page - STMicroelectronics VL53L1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
DocID029631 Rev 12
13/39
VL53L1
Functional description
39
2.9
Ranging sequence
Figure 8. Ranging sequence
1. ttiming_budget is a parameter set by the user, using a dedicated driver function.
2.10
Handshake management
For all ranging modes described above, every time a ranging measurement is available, an
interrupt is generated. The GPIO1 pin of the VL53L1 is then driven high. Once the host
reads the result the interrupt is cleared and the ranging sequence can repeat. If the interrupt
is not cleared, the ranging operation inside the VL53L1 is on hold. It allows a good
synchronization between the VL53L1 and the host, avoids loosing results in case of delay
on the I2C bus, and is mandatory for multizone scanning operations.
It is strongly recommended to use the hardware interrupt pin to manage this handshake. But
if not possible a software polling mode remains available.
For more details please refer to VL53L1 user manual (UM2133)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39