Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7808 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce TDA7808
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button TDA7808 Datasheet HTML 28Page - STMicroelectronics TDA7808 Datasheet HTML 29Page - STMicroelectronics TDA7808 Datasheet HTML 30Page - STMicroelectronics TDA7808 Datasheet HTML 31Page - STMicroelectronics TDA7808 Datasheet HTML 32Page - STMicroelectronics TDA7808 Datasheet HTML 33Page - STMicroelectronics TDA7808 Datasheet HTML 34Page - STMicroelectronics TDA7808 Datasheet HTML 35Page - STMicroelectronics TDA7808 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
I2C registers
TDA7808
32/39
DS12230 Rev 4
10.1.4
IB3 - Subaddress "I0000011h" - default = "00000000"
Table 14. IB3 - Subaddress "I0000011h" - default = "00000000"
Bit
Instruction decoding bit
D7-D3
Not used
D2
Digital High pass filter enable/disable
0: enable
1: disable
D1
Input offset detection
0: enable
1: disable
D0
Amplifier on/off
0: off
1: on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39