Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7808 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce TDA7808
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button TDA7808 Datasheet HTML 20Page - STMicroelectronics TDA7808 Datasheet HTML 21Page - STMicroelectronics TDA7808 Datasheet HTML 22Page - STMicroelectronics TDA7808 Datasheet HTML 23Page - STMicroelectronics TDA7808 Datasheet HTML 24Page - STMicroelectronics TDA7808 Datasheet HTML 25Page - STMicroelectronics TDA7808 Datasheet HTML 26Page - STMicroelectronics TDA7808 Datasheet HTML 27Page - STMicroelectronics TDA7808 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
I2S and TDM bus interface
TDA7808
24/39
DS12230 Rev 4
For TDM mode:
WS changes at SCK falling edge, on clock period before the MSB is transmitted
WS does not need to be symmetrical. It need to stay high for at least 2 SCK period
clock. The maximum duration is:
–Th_max = 127 TSCK in TDM 4-channel
–Th_max = 255 TSCK in TDM 8-channel and TDM 16 (8+8)-channel
The other timings are like in Table 8.
7.5
Group delay
The group delay is due to the FIR filter of first interpolator and it is Tdelay = 32/Fs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39