Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9177 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 35Page - STMicroelectronics L9177 Datasheet HTML 36Page - STMicroelectronics L9177 Datasheet HTML 37Page - STMicroelectronics L9177 Datasheet HTML 38Page - STMicroelectronics L9177 Datasheet HTML 39Page - STMicroelectronics L9177 Datasheet HTML 40Page - STMicroelectronics L9177 Datasheet HTML 41Page - STMicroelectronics L9177 Datasheet HTML 42Page - STMicroelectronics L9177 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
DocID17617 Rev 1
39/49
L9177
Functional description
48
4.6.2
Auto-adaptative hysteresis
Input signals difference is obtained trough a full differential amplifier; its output, DV signal, is
fed to peak detection circuit and then to A/D converter implemented with 4 voltage
comparator (5 levels Pvi).Output of A/D is sent to Logic block (hysteresis selection Table 33)
that implements correlation function between Peak voltage and hysteresis value; hysteresis
value is used by square filtering circuit which conditions DV signal.
Figure 30. Auto-adaptive hysteresis block diagram
Figure 31. Hysteresis output voltage level
To the previous 5 levels PV = [0 PV1 PV2 PV3 PV4] correspond a set of 5 thresholds:
H = [HO HIH2 H3 H4]
The advised values for the previous defined vectors are:
PV = [0 PV1 PV2 PV3 PV4] = [0, 900, 1560, 2230, 2900] mV
H = [H0 H1 H2 H3 H4] = [100, 200, 350, 650, 1000] mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49