Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9177 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 18Page - STMicroelectronics L9177 Datasheet HTML 19Page - STMicroelectronics L9177 Datasheet HTML 20Page - STMicroelectronics L9177 Datasheet HTML 21Page - STMicroelectronics L9177 Datasheet HTML 22Page - STMicroelectronics L9177 Datasheet HTML 23Page - STMicroelectronics L9177 Datasheet HTML 24Page - STMicroelectronics L9177 Datasheet HTML 25Page - STMicroelectronics L9177 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Electrical specifications
L9177
22/49
DocID17617 Rev 1
Figure 12. Stepper motor driver block diagram
Vreverse_LS Reverse LS diode drop
Driver in OFF condition
ISourced = 0.5 A
-
-
-1.5
V
1. VoutA >Vdiagth_H and VoutB<Vdiagth_L or VoutC>Vdiagth_H and VoutD<Vdiagth_L
 Open load
VoutA_B_C_D>Vdiagth_H
 Short to Battery
VoutA_B_C_D<Vdiagth_L
 Short to GND
VoutA <Vdiagth_H and VoutB>Vdiagth_Lor VoutC<Vdiagth_H and VoutD>Vdiagth_L
 No Fault
Table 20. Stepper motor driver electrical characteristics (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49