Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDA803U-KBX Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce FDA803U-KBX
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U-KBX Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button FDA803U-KBX Datasheet HTML 16Page - STMicroelectronics FDA803U-KBX Datasheet HTML 17Page - STMicroelectronics FDA803U-KBX Datasheet HTML 18Page - STMicroelectronics FDA803U-KBX Datasheet HTML 19Page - STMicroelectronics FDA803U-KBX Datasheet HTML 20Page - STMicroelectronics FDA803U-KBX Datasheet HTML 21Page - STMicroelectronics FDA803U-KBX Datasheet HTML 22Page - STMicroelectronics FDA803U-KBX Datasheet HTML 23Page - STMicroelectronics FDA803U-KBX Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
Electrical specifications
FDA803U
20/76
DS12497 Rev 2
Figure 28. THD vs. frequency
(VS = 14.4 V, RL = 4 Ω, PO = 1 W)
Figure 29. THD vs. frequency
(VS = 14.4 V, RL = 2 Ω, PO = 1 W)
Figure 30. THD vs. frequency
(VS = 14.4 V, RL = 8 Ω, PO = 1 W)
Figure 31. Frequency response
(1 W, RL = 4 Ω, f = 1 kHz)
Figure 32. Frequency response
(1 W, RL = 2 Ω, f = 1 kHz)
Figure 33. Frequency response
(1 W, RL = 8 Ω, f = 1 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76