Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDA803U-KBX Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce FDA803U-KBX
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U-KBX Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button FDA803U-KBX Datasheet HTML 48Page - STMicroelectronics FDA803U-KBX Datasheet HTML 49Page - STMicroelectronics FDA803U-KBX Datasheet HTML 50Page - STMicroelectronics FDA803U-KBX Datasheet HTML 51Page - STMicroelectronics FDA803U-KBX Datasheet HTML 52Page - STMicroelectronics FDA803U-KBX Datasheet HTML 53Page - STMicroelectronics FDA803U-KBX Datasheet HTML 54Page - STMicroelectronics FDA803U-KBX Datasheet HTML 55Page - STMicroelectronics FDA803U-KBX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
I2S bus interface
FDA803U
52/76
DS12497 Rev 2
12.3
TDM 8CH mode description
The TDM8 format is shown in Figure 65.
The clock line frequency is equal to 256 fs.
With a proper I2C configuration, the user can select the slot containing the data to be
processed:
Slot 0 - IB0[4-1]='0000',
Slot 1 - IB0[4-1]='0001',
Slot 2 - IB0[4-1]='0010',
Slot 3 - IB0[4-1]='0011',
Slot 4 - IB0[4-1]='0100',
Slot 5 - IB0[4-1]='0101',
Slot 6 - IB0[4-1]='0110',
Slot 7 - IB0[4-1]='0111'.
Figure 65. TDM8 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76