Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCDR1045MT470 Fiches technique(PDF) 1 Page - Stackpole Electronics, Inc.

No de pièce PCDR1045MT470
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEI [Stackpole Electronics, Inc.]
Site Internet  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PCDR1045MT470 Fiches technique(HTML) 1 Page - Stackpole Electronics, Inc.

  PCDR1045MT470 Datasheet HTML 1Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 2Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 3Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 4Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 5Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 6Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev Date: 08/29/2019
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LDRS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Compact, low profile with low DCR and high current
•
Provides magnetic shielding against radiation
•
Flat bottom provides reliable surface mounting
•
Contact Stackpole for additional inductance values
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Applications:
•
GPS and PDAs
•
Personal computers
•
DC/DC converters
Mechanical Specifications (LDRS2424, 2828, 4040)
Inductance and Current Ranges
Type/Code
D
E
H
I
J
Unit
0.236 ± 0.008
0.110 ± 0.008
0.157
0.079
0.087
0.059
0.157
inches
6.00 ± 0.20
2.80 ± 0.20
4.00
2.00
2.20
1.50
4.00
mm
0.276 ± 0.008
0.110 ± 0.008
0.157
0.079
0.087
0.059
0.157
inches
7.00 ± 0.20
2.80 ± 0.20
4.00
2.00
2.20
1.50
4.00
mm
0.276 ± 0.008
0.118 ± 0.008
0.157
0.079
0.087
0.059
0.157
inches
7.00 ± 0.20
3.00 ± 0.20
4.00
2.00
2.20
1.50
4.00
mm
0.276 ± 0.008
0.126 ± 0.008
0.157
0.079
0.087
0.059
0.157
inches
7.00 ± 0.20
3.20 ± 0.20
4.00
2.00
2.20
1.50
4.00
mm
0.398 ± 0.012
0.177 ± 0.012
0.236
0.118
0.126
0.098
0.220
inches
10.10 ± 0.30
4.50 ± 0.30
6.00
3.00
3.20
2.50
5.60
mm
A
C
LDRS2828…-MP
LDRS2828…-HP
LDRS2424
LDRS2828…-LP
LDRS4040
Type/Code
Inductance (μH)
Current Range (A)
LDRS2424
4.7 ~ 100
1.6 ~ 0.42
LDRS2828-LP
3.3 ~ 56
1.6 ~ 0.5
LDRS2828-MP
3.3 ~ 100
1.8 ~ 0.35
LDRS2828-HP
1 ~ 1000
2.2 ~ 0.13
LDRS4040
1 ~ 1500
7.8 ~ 0.22
LDRS4949-LP
6 ~ 1500
3.6 ~ 0.29
LDRS4949
2 ~ 150
10 ~ 1
LDRS4949-HP
1.2 ~ 220
13 ~ 1.3
Electrical specifications at 25ºC.


Numéro de pièce similaire - PCDR1045MT470

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
PCD MACOM-PCD Datasheet
77Kb / 2P
15 Amp Low Profile Power PC Board Relay
PCD MACOM-PCD Datasheet
139Kb / 2P
Low Profile PCB Relay
logo
Picker Components
PCD PICKER-PCD Datasheet
197Kb / 4P
10 to 40 amp output
logo
Molex Electronics Ltd.
PCD-01000-0C MOLEX-PCD-01000-0C Datasheet
110Kb / 1P
FEATURES AND SPECIFICATIONS
PCD-01000-0E MOLEX-PCD-01000-0E Datasheet
110Kb / 1P
FEATURES AND SPECIFICATIONS
More results

Description similaire - PCDR1045MT470

FabricantNo de pièceFiches techniqueDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com