Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCDR1045MT470 Fiches technique(PDF) 5 Page - Stackpole Electronics, Inc.

No de pièce PCDR1045MT470
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEI [Stackpole Electronics, Inc.]
Site Internet  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PCDR1045MT470 Fiches technique(HTML) 5 Page - Stackpole Electronics, Inc.

  PCDR1045MT470 Datasheet HTML 1Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 2Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 3Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 4Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 5Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 6Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev Date: 08/29/2019
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LDRS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LDRS4949(HP)
Part
Inductance
DCR
Number
µH
(Ω) max.
I sat
I rms
LDRS4949NT1R2-HP
1.2
30%
1KHz, 0.5V
0.0069
13
8.2
LDRS4949NT2R0-HP
2.0
30%
1KHz, 0.5V
0.008
11
-
LDRS4949NT2R7-HP
2.7
30%
1KHz, 0.5V
0.0094
10
7
LDRS4949NT3R3-HP
3.3
30%
1KHz, 0.5V
0.01
9.5
6.8
LDRS4949NT3R9-HP
3.9
30%
1KHz, 0.5V
0.0104
9
6.7
LDRS4949NT5R6-HP
5.6
30%
1KHz, 0.5V
0.0116
7.8
6.3
LDRS4949NT6R8-HP
6.8
30%
1KHz, 0.5V
0.0131
7.2
5.9
LDRS4949MT100-HP
10
20%
1KHz, 0.5V
0.0156
5.5
5.4
LDRS4949MT150-HP
15
20%
1KHz, 0.5V
0.0184
4.7
5
LDRS4949MT220-HP
22
20%
1KHz, 0.5V
0.263
4
4
LDRS4949MT330-HP
33
20%
1KHz, 0.5V
0.0395
3.2
3.4
LDRS4949MT390-HP
39
20%
1KHz, 0.5V
0.044
3
3.2
LDRS4949MT470-HP
47
20%
1KHz, 0.5V
0.0528
2.7
3
LDRS4949MT560-HP
56
20%
1KHz, 0.5V
0.067
2.3
2.6
LDRS4949MT680-HP
68
20%
1KHz, 0.5V
0.0778
2
2.4
LDRS4949MT101-HP
100
20%
1KHz, 0.5V
0.125
1.9
1.9
LDRS4949MT151-HP
150
20%
1KHz, 0.5V
0.175
1.6
1.6
LDRS4949MT221-HP
220
20%
1KHz, 0.5V
0.258
1.3
1.3
Tolerance
Test Condition
IDC (A) max.
Packaging Specifications
Type / Code
P
W
Unit
0.069 ± 0.004 0.059 ± 0.004 0.157 ± 0.004 0.472 0.630 0.512 ± 0.039 0.906 ± 0.039 0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
12.00 16.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.069 ± 0.004 0.059 ± 0.004 0.157 ± 0.004 0.472 0.630 0.512 ± 0.039 0.906 ± 0.039 0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
12.00 16.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.069 ± 0.004 0.059 ± 0.004 0.157 ± 0.004 0.472 0.630 0.512 ± 0.039 0.906 ± 0.039 0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
12.00 16.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.069 ± 0.004 0.059 ± 0.004 0.157 ± 0.004 0.472 0.630 0.512 ± 0.039 0.906 ± 0.039 0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
12.00 16.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.069 ± 0.004 0.059 ± 0.004 0.157 ± 0.004 0.630 0.945 0.512 ± 0.039 0.906 ± 0.039 0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
16.00 24.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.069 ± 0.004 0.059 ± 0.004 0.157 ± 0.004 0.630 0.945 0.512 ± 0.039 0.906 ± 0.039 0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
16.00 24.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.069 ± 0.004 0.059 ± 0.004 0.157 ± 0.004 0.630 0.945 0.512 ± 0.039 0.906 ± 0.039 0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
16.00 24.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.069 ± 0.004 0.059 ± 0.004 0.157 ± 0.004 0.630 0.945 0.512 ± 0.039 0.906 ± 0.039 0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
16.00 24.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
LDRS4949…-LP
LDRS4949
LDRS4949…-HP
L
LDRS2424
LDRS2828…-LP
LDRS2828…-MP
LDRS2828…-HP
LDRS4040
A
D
P0
F
G
J



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com