Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA8135GA Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STA8135GA
Description  Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135GA Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STA8135GA Datasheet HTML 21Page - STMicroelectronics STA8135GA Datasheet HTML 22Page - STMicroelectronics STA8135GA Datasheet HTML 23Page - STMicroelectronics STA8135GA Datasheet HTML 24Page - STMicroelectronics STA8135GA Datasheet HTML 25Page - STMicroelectronics STA8135GA Datasheet HTML 26Page - STMicroelectronics STA8135GA Datasheet HTML 27Page - STMicroelectronics STA8135GA Datasheet HTML 28Page - STMicroelectronics STA8135GA Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
List of figures
Figure 1.
STA8135GA block diagram ........................................................... 4
Figure 2.
Device ballout..................................................................... 4
Figure 3.
Antenna sensing configuration when antenna is supplied with 3.3 V .............................. 17
Figure 4.
LDO on-chip regulators dependencies ................................................... 19
Figure 5.
TFBGA160 (7x11x1.2 mm) package outline ............................................... 21
Figure 6.
Ordering information ............................................................... 23
STA8135GA
List of figures
DB4575 - Rev 1
page 28/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29