Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA8135GA Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STA8135GA
Description  Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135GA Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STA8135GA Datasheet HTML 17Page - STMicroelectronics STA8135GA Datasheet HTML 18Page - STMicroelectronics STA8135GA Datasheet HTML 19Page - STMicroelectronics STA8135GA Datasheet HTML 20Page - STMicroelectronics STA8135GA Datasheet HTML 21Page - STMicroelectronics STA8135GA Datasheet HTML 22Page - STMicroelectronics STA8135GA Datasheet HTML 23Page - STMicroelectronics STA8135GA Datasheet HTML 24Page - STMicroelectronics STA8135GA Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
4.1
TFBGA160 (7x11x1.2 mm) package information
Figure 5. TFBGA160 (7x11x1.2 mm) package outline
STA8135GA
Package information
DB4575 - Rev 1
page 21/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29