Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD59150 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button LD59150 Datasheet HTML 12Page - STMicroelectronics LD59150 Datasheet HTML 13Page - STMicroelectronics LD59150 Datasheet HTML 14Page - STMicroelectronics LD59150 Datasheet HTML 15Page - STMicroelectronics LD59150 Datasheet HTML 16Page - STMicroelectronics LD59150 Datasheet HTML 17Page - STMicroelectronics LD59150 Datasheet HTML 18Page - STMicroelectronics LD59150 Datasheet HTML 19Page - STMicroelectronics LD59150 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Figure 24. DFN10 (3x3 mm) tape and reel
Figure 25. DFN10 (3x3 mm) reel oriented
LD59150
DFN10 (3x3 mm) package information
DS12455 - Rev 5
page 16/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22