Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9690 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L9690
Description  Automotive 12 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9690 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L9690 Datasheet HTML 16Page - STMicroelectronics L9690 Datasheet HTML 17Page - STMicroelectronics L9690 Datasheet HTML 18Page - STMicroelectronics L9690 Datasheet HTML 19Page - STMicroelectronics L9690 Datasheet HTML 20Page - STMicroelectronics L9690 Datasheet HTML 21Page - STMicroelectronics L9690 Datasheet HTML 22Page - STMicroelectronics L9690 Datasheet HTML 23Page - STMicroelectronics L9690 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Contents
1
Block diagram and pin description .................................................3
1.1
Block diagram ................................................................. 3
1.2
Pin description ................................................................. 4
2
Maximum ratings ..................................................................8
2.1
Absolute maximum ratings....................................................... 8
2.2
Temperature ranges and thermal data ............................................ 12
3
Device overview ..................................................................13
3.1
Main features ................................................................. 13
3.2
SPI interface ................................................................. 13
3.3
Power supply and energy reserve management .................................... 13
3.4
Safing FET regulator and diagnostics............................................. 13
3.5
Deployment drivers and diagnostics .............................................. 14
3.6
Remote sensor interfaces ...................................................... 14
3.7
DC sensor interfaces .......................................................... 14
3.8
General purpose low-side outputs ............................................... 14
3.9
Arming/Passenger inhibit logic .................................................. 15
3.10
LIN interface and decoder ...................................................... 15
3.11
A/D converters................................................................ 15
4
Applicative circuit ................................................................16
5
Package information..............................................................17
5.1
TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) package information .......... 17
Revision history .......................................................................20
L9690
Contents
DB4806 - Rev 2
page 21/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24