Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9690 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce L9690
Description  Automotive 12 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9690 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button L9690 Datasheet HTML 15Page - STMicroelectronics L9690 Datasheet HTML 16Page - STMicroelectronics L9690 Datasheet HTML 17Page - STMicroelectronics L9690 Datasheet HTML 18Page - STMicroelectronics L9690 Datasheet HTML 19Page - STMicroelectronics L9690 Datasheet HTML 20Page - STMicroelectronics L9690 Datasheet HTML 21Page - STMicroelectronics L9690 Datasheet HTML 22Page - STMicroelectronics L9690 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Figure 5. TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) PCB footprint
L9690
TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) package information
DB4806 - Rev 2
page 19/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24