| Moteur de recherche de fiches techniques de composants électroniques |
|
L9396 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9396 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 109 page ![]() Overall description L9396 14/109 DS12539 Rev 6 Interfaces ABS_VDBATT - - -18 - 40 V ABS_PDBATT - - -18 - 40 V ABS_VDG - IC in sleep mode (IGN low) -0.3 - VDS+12≤51 V - IC in operative mode (IGN high) -18 - VDS+12≤51 V ABS_PDG - IC in sleep mode (IGN low) -0.3 - PDS+12≤51 V - IC in operative mode (IGN high) -18 - PDS+12≤51 V ABS_PRG - IC in sleep mode (IGN low) -0.3 - PRS+12≤51 V - IC in operative mode (IGN high) -18 - PRS+12≤51 V ABS_VDS - IC in sleep mode (IGN low) -0.3 - 40 V - IC in operative mode (IGN high) -18 - 40 V ABS_PDS - IC in sleep mode (IGN low) -0.3 - 40 V - IC in operative mode (IGN high) -18 - 40 V ABS_PRS - IC in sleep mode (IGN low) -0.3 - 40 V - IC in operative mode (IGN high) -18 - 40 V Table 3. Pin absolute maximum ratings (continued) Symbol Parameter Condition Min Typ Max Unit |