Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9396 Fiches technique(PDF) 92 Page - STMicroelectronics

No de pièce L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Fiches technique(HTML) 92 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 88Page - STMicroelectronics L9396 Datasheet HTML 89Page - STMicroelectronics L9396 Datasheet HTML 90Page - STMicroelectronics L9396 Datasheet HTML 91Page - STMicroelectronics L9396 Datasheet HTML 92Page - STMicroelectronics L9396 Datasheet HTML 93Page - STMicroelectronics L9396 Datasheet HTML 94Page - STMicroelectronics L9396 Datasheet HTML 95Page - STMicroelectronics L9396 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
Table 60. Registers summary
ADDRESS
Name
Description
Type
DATA
BIN
Page
[6:4]
REG
[3:0]
19
18
17
16
15
14
13
12
11
10
9
8
7
6543
210
WR WR WR WR WR WR WR W R W R WR WR W R WR WR W R WR WR W R WR WR
0000000
0
0
RESERVED
NO OPERATION
N/A
0000001
0
1
SYS_CONFIG_1
CONFIGURATION 1
TYPE = R/W
R/W
- - ---- --- --- ---- - ---
--
0000010
0
2
SYS_CONFIG_2
CONFIGURATION 2
TYPE = R/W
R/W
PUMP MOTOR PRE DRIVER
OVERLAP TMR [4:0]
(Range of values 0-23, 0.25-
6µs; 24-31, 80µs)
DEFAULT = 0000, RST = SSM
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More