Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEOAC32PT Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce LEOAC32PT
Description  Rad-hard plastic quad two-input OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC32PT Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button LEOAC32PT Datasheet HTML 8Page - STMicroelectronics LEOAC32PT Datasheet HTML 9Page - STMicroelectronics LEOAC32PT Datasheet HTML 10Page - STMicroelectronics LEOAC32PT Datasheet HTML 11Page - STMicroelectronics LEOAC32PT Datasheet HTML 12Page - STMicroelectronics LEOAC32PT Datasheet HTML 13Page - STMicroelectronics LEOAC32PT Datasheet HTML 14Page - STMicroelectronics LEOAC32PT Datasheet HTML 15Page - STMicroelectronics LEOAC32PT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
8
Ordering information
Table 8. Ordering information
Order code
Quality level
Package
Lead-finish
Marking
Packing
LEOAC32PT-D
Development sample
TSSOP-20
NiPdAu
DLEOAC32
Tape & reel
LEOAC32PT
Flight model
TSSOP-20
NiPdAu
LEOAC32
Tape & reel
Table 9. Order code
LEO
AC32
P
T
LEO Qualification
Name
TSSOP package
Tape & reel
Figure 7. Marking
1
B
A
C
D
E
a
F
G
H
a: pin-1 reference
A : Second Level of interconnexion (type of lead-finishing)
B: ST logo
C: Assy plant
D:
E: Marking area
F: Country of origin
G: Assy year
H: Assy week
Lot code
LEOAC32
Ordering information
DS13854 - Rev 2
page 12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17