Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALED8102S Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce ALED8102S
Description  Automotive 8-channel LED driver with direct switch control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED8102S Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button ALED8102S Datasheet HTML 9Page - STMicroelectronics ALED8102S Datasheet HTML 10Page - STMicroelectronics ALED8102S Datasheet HTML 11Page - STMicroelectronics ALED8102S Datasheet HTML 12Page - STMicroelectronics ALED8102S Datasheet HTML 13Page - STMicroelectronics ALED8102S Datasheet HTML 14Page - STMicroelectronics ALED8102S Datasheet HTML 15Page - STMicroelectronics ALED8102S Datasheet HTML 16Page - STMicroelectronics ALED8102S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
10.1
HTSSOP16 package information
Figure 11. HTSSOP16 exposed pad package outline
7419276_B
Table 8. HTSSOP16 exposed pad mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.20
A1
0.15
A2
0.80
1.00
1.05
b
0.19
0.30
c
0.09
0.20
D
4.90
5.00
5.10
D1
2.80
3.00
3.20
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
E2
2.80
3.00
3.20
e
0.65
L
0.45
0.60
0.75
L1
1.00
k
0.00
8.00
aaa
0.10
ALED8102S
HTSSOP16 package information
DS12430 - Rev 2
page 13/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19