Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACS1086SA-AP Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce ACS1086SA-AP
Description  AC switch family Transient voltage protected AC Switch (ACSTM)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1086SA-AP Fiches technique(HTML) 5 Page - STMicroelectronics

  ACS1086SA-AP Datasheet HTML 1Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 2Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 3Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 4Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 5Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 6Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 7Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 8Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ACS108-6S
1 Characteristics
5/11
Figure 7.
On-state characteristics (maximal
values)
Figure 8.
SOT-223 junction to ambient thermal
resistance versus copper surface
under tab (PCB FR4, copper
thickness 35 µm)
Figure 9.
Relative variation of critical rate of
decrease of main current (di/dt)c
versus junction temperature
Figure 10. Relative variation of critical rate of
decrease of main current (di/dt)c vs
(dV/dt)c, with turn-off time < 20 ms
Figure 11. Relative variation of static dV/dt
versus junction temperature
Figure 12. Relative variation of the maximal
clamping voltage versus junction
temperature (min value)
ITM(A)
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Tj=25°C
VTM(V)
Tj=125°C
T
j max.:
V
to= 0.9 V
R
d= 300 mΩ
R
th(j-a)(°C/W)
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SCU(cm²)
SOT-223
(dI/dt) [T ] / (dI/dt) [T =125 °C]
cc
jj
0
2
4
6
8
10
12
14
16
18
20
55
65
75
85
95
105
115
125
T (°C)
j
V
out = 400 V
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
(dV/dt)c (V/µs)
V
out = 400 V
0
1
2
3
4
5
6
7
8
25
50
75
100
125
dV/dt [Tj]/ dV/dt[T j=125°C]
V
out=400V
Tj(°C)
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
-25
0
25
50
75
100
125
V
CL [Tj]/ VDRM
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com