Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACS1086SA-AP Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ACS1086SA-AP
Description  AC switch family Transient voltage protected AC Switch (ACSTM)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1086SA-AP Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ACS1086SA-AP Datasheet HTML 2Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 3Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 4Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 5Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 6Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 7Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 8Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 9Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2 AC line switch - basic application
ACS108-6S
6/11
2
AC line switch - basic application
The ACS108-6S switch is triggered by a negative gate current flowing from the gate pin G. The
switch can be driven directly by the digital controller through a resistor as shown in Figure 13.
Thanks to its overvoltage protection and turn-off commutation performance, the ACS108-6S
switch can drive a small power high inductive load with neither varistor nor additional turn-off
snubber.
Figure 13. Typical application program
2.1
Protection against overvoltage: the best choice is ACS
In comparison with standard triacs, which are not robust against surge voltage, the ACS108-6S
is over-voltage self-protected, specified by the new parameter VCL. This feature is useful in two
operating conditions: in case of turn-off of very inductive load, and in case of surge voltage that
can occur on the electrical network.
2.1.1
High inductive load switch-off: turn-off overvoltage clamping
With high inductive and low RMS current loads the rate of decrease of the current is very low.
An overvoltage can occur when the gate current is removed and the OUT current is lower than
IH.
As shown in Figure 14 and Figure 15, at the end of the last conduction half-cycle, the load
current decreases (1). The load current reaches the holding current level IH (2), and the ACS
turns off (3). The water valve, as an inductive load (up to 15 H), reacts as a current generator
and an overvoltage is created, which is clamped by the ACS (4). The current flows through the
ACS avalanche and decreases linearly to zero. During this time, the voltage across the switch is
limited to the clamping voltage VCL. The energy stored in the inductance of the load is
dissipated in the clamping section that is designed for this purpose. When the energy has been
dissipated, the ACS voltage falls back to the mains voltage value (5).
AC Mains
ACS108-6S
Valve
Power supply
MCU
Vdd
Vss
Rg



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com