| Moteur de recherche de fiches techniques de composants électroniques |
|
HT36M4 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT36M4 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 23 page ![]() Pin Assignment Pad Assignment Chip size: 2595 ´2815 (mm) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. HT36M4 Rev. 1.00 2 August 15, 2005 A U D I O V D D A V S S / V S S A O S C 2 O S C 1 V D D I N T R E S P A 7 P A 6 P A 1 P A 2 P A 3 P A 4 P A 5 P A 0 P B 3 P B 2 P B 1 P B 0 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 1 2 3 4 5 6 7 8 9 1 0 H T 3 6 M 4 2 0 T S S O P - A A U D I O V D D A V S S / V S S A O S C 2 O S C 1 V D D I N T R E S P A 7 P A 6 P A 1 P A 2 P A 3 P A 4 P A 5 P A 0 P B 3 P B 2 P B 1 P B 0 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 1 1 1 2 3 4 5 6 7 8 9 1 0 H T 3 6 M 4 2 0 S O P - A 1 2 3 2 1 2 0 1 9 1 8 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 ( 0 , 0 ) A U D I O V D D A V S S A V S S O S C 2 O S C 1 V D D P A 1 P A 2 P A 3 P A 4 P A 5 P A 0 |