| Moteur de recherche de fiches techniques de composants électroniques |
|
BW250RAM Fiches technique(PDF) 54 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW250RAM Fiches technique(HTML) 54 Page - Fuji Electric |
|
54 / 93 page ![]() Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06/54 Molded Case Circuit Breakers G-TWIN series Dimensions / Global n Dimensions, mm Front mounting, front connection BW100EAGU-2P BW100EAGU-3P Mounting hole Terminal cover (Short type) Trip button Panel drilling Front panel cutting Terminal section CL 84 4 8 60 51 ON 48.5 2.5 51 43 L C 24 L C 50 25 L C L C M4 or ø5 MCCB L C MCCB CL 50 or more R2 or less M8 x 15 8 8.3 Mounting hole Terminal cover (Short type) Trip button Panel drilling Front panel cutting Terminal section L C CL 75 50 CL 84 4 8 60 51 ON 48.5 2.5 51 43 M4 or ø5 25 LC LC LC MCCB 74 or more R2 or less MCCB CL M8 x 15 8 8.3 |