| Moteur de recherche de fiches techniques de composants électroniques |
|
BW250RAM Fiches technique(PDF) 43 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW250RAM Fiches technique(HTML) 43 Page - Fuji Electric |
|
43 / 93 page ![]() 06/43 Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06 Molded Case Circuit Breakers G-TWIN series Dimensions / Standard n Dimensions, mm Front mounting, front connection Mounting hole Mounting hole Trip button Trip button M6 or ø7 M6 or ø7 R2 or less R2 or less 137 or more 137 or more Insulation barrier Detachable Insulation barrier Detachable Panel drilling Panel drilling Front panel cutting Front panel cutting Note: 2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole. MCCB 44 44 88 56 135 56 140 25 60 52 MCCB 44 88 52.5 132 52.5 52.5 135 185 25 60 52 MCCB 44 103 94.5 84 8 4 4 117.5 146 MCCB 44 L C L C L C L C L C 44 103 94.5 84 8 4 4 117.5 146 L C L C L C L C L C L C L C L C L C M12 x 35 bolt M12 x 35 bolt 7 38.5 7 38.5 93 94.5 103 4 4 117.5 146 205 44 84 MCCB 70 min.207 M6 or #7 MCCB Max.R2 L C L C L C L C 210 70 70 70 52 Mounting hole Insulation barrier (removable) Trip button Hexagon head bolt BW400 -2P, 3P BW400 -4P |