| Moteur de recherche de fiches techniques de composants électroniques |
|
9840-PSM0 Fiches technique(PDF) 2 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
9840-PSM0 Fiches technique(HTML) 2 Page - 3M Electronics |
|
2 / 4 page ![]() 3M Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ Shielded Controlled Impedance (SCI) .100 ″ Assembly Hardware Contact Quantity Dimension A Dimension B Dimension C Dimension D 06 0.20 [ 5.08 ] 0.41 [ 10.48 ] 0.32 [ 8.22 ] 0.46 [ 11.68 ] 08 0.30 [ 7.62 ] 0.51 [ 13.02 ] 0.42 [ 10.76 ] 0.56 [ 14.22 ] 10* 0.40 [ 10.16 ] 0.61 [ 15.56 ] 0.52 [ 13.30 ] 0.66 [ 16.76 ] 12 0.50 [ 12.70 ] 0.71 [ 18.10 ] 0.62 [ 15.84 ] 0.76 [ 19.30 ] 14* 0.60 [ 15.24 ] 0.81 [ 20.64 ] 0.72 [ 18.38 ] 0.86 [ 21.84 ] 16* 0.70 [ 17.78 ] 0.91 [ 23.18 ] 0.82 [ 20.92 ] 0.96 [ 24.38 ] 20* 0.90 [ 22.86 ] 1.11 [ 28.26 ] 1.02 [ 26.00 ] 1.16 [ 29.46 ] 26* 1.20 [ 30.48 ] 1.41 [ 35.88 ] 1.32 [ 33.62 ] 1.46 [ 37.08 ] 30 1.40 [ 35.56 ] 1.61 [ 40.96 ] 1.52 [ 38.70 ] 1.66 [ 42.16 ] 34* 1.60 [ 40.64 ] 1.81 [ 46.04 ] 1.72 [ 43.78 ] 1.86 [ 47.24 ] 40* 1.90 [ 48.26 ] 2.11 [ 53.66 ] 2.02 [ 51.40 ] 2.16 [ 54.86 ] 50* 2.40 [ 60.96 ] 2.61 [ 66.36 ] 2.52 [ 64.10 ] 2.66 [ 67.56 ] 60 2.90 [ 73.66 ] 3.11 [ 79.06 ] 3.02 [ 76.80 ] 3.16 [ 80.26 ] 64* 3.10 [ 78.74 ] 3.31 [ 84.14 ] 3.22 [ 81.88 ] 3.36 [ 85.34 ] TS-0802-08 Sheet 2 of 3 .0 .0 0 .0 0 0 in c h ± .1 ± .0 1 ± .0 0 5 [ ] D im ens ions fo r R e fe rence On ly T o le rance U n le ss N o te d [m m ] In c h Ordering Information Notes: 1. Polarizing groove omitted for N = 6, N = 8. 2. Polarizing groove omitted for N = 6, N = 8, N = 10, N = 12, N = 14. 3. The “Normal” Retention Style is illustrated. For the “Reverse” Retention Style the Cable Assembly Retainer is flipped 180 ° end to end, and the “Signal” and “Ground” rows of contact are also reversed. 98XX-XXXX Contact Qty See Table 1 Carrier Style PS = Centerbump, Short Latches NS = No Centerbump, Short Latches PL = Centerbump, Long Latches NL = No Centerbump, Long Latches 2 Row Carrier Housing Molded Retention Feature M0 = Normal MR = Reverse *Tooled sizes D + .000 .710 [18.03] .420 [10.67] .256 [ 6.50] Row of Ground Contacts See Note 1 .565 [14.35] .100 [2.54] .100 [2.54] .210 [5.33] .240 [6.10] Centerbump (optional) Short Latch Shown Long Latch Shown See Note 2 .067 [ 1.70 ] C + .000 B + .000 Cable Assembly Retainer (See Note 3) Row if Signal Contacts (See Note 3) - .008 - .008 - .008 A ± .004 2 Row Carrier Housing |