| Moteur de recherche de fiches techniques de composants électroniques |
|
9840-PSM0 Fiches technique(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
9840-PSM0 Fiches technique(HTML) 3 Page - 3M Electronics |
|
3 / 4 page ![]() 3M Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ Shielded Controlled Impedance (SCI) .100 ″ Assembly Hardware TS-0802-08 Sheet 3 of 3 3 x 7 Carrier Housing Ordering Information 3 x 7 Carrier Housing 9821-5000 Pin Strip w/ Latch 2402-3505 RC Note: 1. Pin Strip Latch is for use with right angle SCI only. .0 .0 0 .0 0 0 in c h ± .1 ± .0 1 ± .0 0 5 [ ] D im ens ions fo r R e fe rence On ly T o le rance U n le ss N o te d [m m ] In c h A [18.94] [7.00] [16.00] [27.00] A 13 5 7 .335 [8.50] [1.00] .100 Ref [2.54] Retention Clips (2 required) .492 [12.50] + .000 + .000 [1.00] - .004 - .004 1.063 ± .020 .039 ± .004 .746 ± .004 .276 ± .004 .630 ± .008 .039 ± .004 Section A-A Pin Strip with Latch See Note 1 .235 [5.97] .112 [2.84] .094 .100 [2.54] .477 [12.12] .689 [17.50] .100 [2.54] .224 [5.69] .094 [2.39] .025 Sq Pin [0.64] |