Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT24C01C Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Fiches technique(HTML) 23 Page - Microchip Technology

Back Button AT24C01C Datasheet HTML 19Page - Microchip Technology AT24C01C Datasheet HTML 20Page - Microchip Technology AT24C01C Datasheet HTML 21Page - Microchip Technology AT24C01C Datasheet HTML 22Page - Microchip Technology AT24C01C Datasheet HTML 23Page - Microchip Technology AT24C01C Datasheet HTML 24Page - Microchip Technology AT24C01C Datasheet HTML 25Page - Microchip Technology AT24C01C Datasheet HTML 26Page - Microchip Technology AT24C01C Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
9.
Device Default Condition from Microchip
The AT24C01C/AT24C02C is delivered with the EEPROM array set to logic ‘1’, resulting in FFh data in all
locations.
AT24C01C/AT24C02C
Device Default Condition from Microchip
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45