Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G0B1VC Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce STM32G0B1VC
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VC Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button STM32G0B1VC Datasheet HTML 58Page - STMicroelectronics STM32G0B1VC Datasheet HTML 59Page - STMicroelectronics STM32G0B1VC Datasheet HTML 60Page - STMicroelectronics STM32G0B1VC Datasheet HTML 61Page - STMicroelectronics STM32G0B1VC Datasheet HTML 62Page - STMicroelectronics STM32G0B1VC Datasheet HTML 63Page - STMicroelectronics STM32G0B1VC Datasheet HTML 64Page - STMicroelectronics STM32G0B1VC Datasheet HTML 65Page - STMicroelectronics STM32G0B1VC Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 159 page
background image
Table 19. Port E alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PE0
TIM16_CH1
EVENTOUT
TIM4_ETR
-
-
-
-
-
PE1
TIM17_CH1
EVENTOUT
-
-
-
-
-
-
PE2
-
TIM3_ETR
---
--
-
PE3
-
TIM3_CH1
---
--
-
PE4
-
TIM3_CH2
---
--
-
PE5
-
TIM3_CH3
---
--
-
PE6
-
TIM3_CH4
---
--
-
PE7
-
TIM1_ETR
-
USART5_RTS_D
E_CK
--
--
PE8
USART4_TX
TIM1_CH1N
---
--
-
PE9
USART4_RX
TIM1_CH1
---
--
-
PE10
-
TIM1_CH2N
-
USART5_TX
-
-
-
-
PE11
-
TIM1_CH2
-
USART5_RX
-
-
-
-
PE12
SPI1_NSS/
I2S1_WS
TIM1_CH3N
---
--
-
PE13
SPI1_SCK/
I2S1_CK
TIM1_CH3
---
--
-
PE14
SPI1_MISO/I2S1
_MCK
TIM1_CH4
TIM1_BK2
-
-
-
-
-
PE15
SPI1_MOSI/I2S1
_SD
TIM1_BK
---
--
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More