Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G0B1VC Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STM32G0B1VC
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VC Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STM32G0B1VC Datasheet HTML 50Page - STMicroelectronics STM32G0B1VC Datasheet HTML 51Page - STMicroelectronics STM32G0B1VC Datasheet HTML 52Page - STMicroelectronics STM32G0B1VC Datasheet HTML 53Page - STMicroelectronics STM32G0B1VC Datasheet HTML 54Page - STMicroelectronics STM32G0B1VC Datasheet HTML 55Page - STMicroelectronics STM32G0B1VC Datasheet HTML 56Page - STMicroelectronics STM32G0B1VC Datasheet HTML 57Page - STMicroelectronics STM32G0B1VC Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 159 page
background image
--
--
-
-
--
71
85
B8
PD7
I/O
FT
-
MCO2
-
--
--
-
-
--
-
86
A8
PF9
I/O
FT
-
USART6_TX
-
--
--
-
-
--
-
87
B7
PF10
I/O
FT
-
USART6_RX
-
--
--
-
-
--
-
88
A7
PF11
I/O
FT
-
USART6_RTS_DE_CK
-
-
-
-
-
-
-
-
-
-
89
B6
PF12
I/O
FT
-
TIM15_CH1, USART6_CTS
-
--
--
-
-
--
-
90
A6
PF13
I/O
FT
-
TIM15_CH2
-
27
-
4242
A8
5757
B4
72
91
A5
PB3
I/O
FT_a
-
SPI1_SCK/I2S1_CK, TIM1_CH2, TIM2_CH2,
USART5_TX, USART1_RTS_DE_CK, I2C3_SCL,
EVENTOUT, I2C2_SCL, SPI3_SCK
COMP2_INM6
28
-
4343
B9
5858
C4
73
92
B5
PB4
I/O
FT_a
-
SPI1_MISO/I2S1_MCK, TIM3_CH1, USART5_RX,
USART1_CTS, TIM17_BKIN, I2C3_SDA,
EVENTOUT, I2C2_SDA, SPI3_MISO
COMP2_INP0
29
-
44
44 A10 59
59
D4
74
93
C5
PB5
I/O
FT
-
SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM16_BKIN,
FDCAN2_RX, LPTIM1_IN1, I2C1_SMBA,
COMP2_OUT, USART5_RTS_DE_CK, SPI3_MOSI
WKUP6
-
-
-
-
-
-
-
-
75
94
A4
PE0
I/O
FT
-
TIM16_CH1, EVENTOUT, TIM4_ETR
-
-
-
-
-
-
-
-
-
76
95
B4
PE1
I/O
FT
-
TIM17_CH1, EVENTOUT
-
--
--
-
-
--
-
96
A3
PE2
I/O
FT
-
TIM3_ETR
-
--
--
-
-
--
77
97
A2
PE3
I/O
FT
-
TIM3_CH1
-
Table 12. Pin assignment and description (continued)
Pin number
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More