Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPFS250T-FCVG784E Fiches technique(PDF) 72 Page - Microchip Technology

No de pièce MPFS250T-FCVG784E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784E Fiches technique(HTML) 72 Page - Microchip Technology

Back Button MPFS250T-FCVG784E Datasheet HTML 68Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 69Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 70Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 71Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 72Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 73Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 74Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 75Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 128 page
background image
Condition
Unit
V DD = 1.05 V – 1
V DD = 1.05 V – STD
V DD = 1.0 V – 1
V DD = 1.0 V – STD
pipelined, simple-
write, and write-
feed-through
Two-port non-
pipelined ECC
MHz
295
279
295
279
mode, pipelined,
simple-write, and
write-feed-through
Two-port pipelined
ECC mode, non-
MHz
428
343
428
343
pipelined, simple-
write, and write-
feed-through
Two-port non-
pipelined ECC
MHz
285
196
285
196
mode, non-
pipelined, simple-
write, and write-
feed-through
Two-port, all sup-
ported widths,
MHz
285
274
285
274
pipelined, and
read-before-write
Two-port, all sup-
ported widths, non-
MHz
285
274
285
274
pipelined, and
read-before-write
Dual-port, all sup-
ported widths,
MHz
285
274
285
274
pipelined, and
read-before-write
Dual-port, all sup-
ported widths, non-
MHz
285
274
285
274
pipelined, and
read-before-write
Two-port pipelined
ECC mode,
MHz
285
274
285
274
pipelined, and
read-before-write
Two-port non-
pipelined ECC
MHz
285
274
285
274
mode, pipelined,
and read-before-
write
Two-port pipelined
ECC mode, non-
MHz
285
274
285
274
pipelined, and
read-before-write
68
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com