Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPFS250T-FCVG784E Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce MPFS250T-FCVG784E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784E Fiches technique(HTML) 18 Page - Microchip Technology

Back Button MPFS250T-FCVG784E Datasheet HTML 14Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 15Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 16Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 17Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 18Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 19Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 20Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 21Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
5. VDDIx is powered down and the device is driven to –0.3 V < VIN < GPIO VDDImax.
Note: The following dedicated pins do not support hot socketing: TMS, TDI, TRSTB, and DEVRST_N. Weak
pull-up (as specified in GPIO) is always enabled.
5.3
Input and Output
The following section describes DC I/O levels, differential and complementary differential DC I/O levels,
HSIO and GPIO on-die termination specifications, and LVDS specifications.
5.3.1
DC Input and Output Levels
The following tables list the DC I/O levels.
Table 14 • DC Input Levels
VIH
1
Max (V)
VIH
Min (V)
VIL
Max (V)
VIL
Min (V)
VDDI
Max (V)
VDDI
Typ (V)
VDDI
Min (V)
I/O Standard
3.45
0.5 × VDDI
0.3 × VDDI
–0.3
3.45
3.3
3.15
PCI
3.45
2
0.8
–0.3
3.45
3.3
3.15
LVTTL
3.45
2
0.8
–0.3
3.45
3.3
3.15
LVCMOS33
2.625
1.7
0.7
–0.3
2.625
2.5
2.375
LVCMOS25
1.89
0.65 × VDDI
0.35 × VDDI
–0.3
1.89
1.8
1.71
LVCMOS18
1.575
0.65 × VDDI
0.35 × VDDI
–0.3
1.575
1.5
1.425
LVCMOS15
1.26
0.65 × VDDI
0.35 × VDDI
–0.3
1.26
1.2
1.14
LVCMOS12
2.625
VREF + 0.15
VREF – 0.15
–0.3
2.625
2.5
2.375
SSTL25I
2
2.625
VREF + 0.15
VREF – 0.15
–0.3
2.625
2.5
2.375
SSTL25II
2
1.89
VREF + 0.125
VREF – 0.125
–0.3
1.89
1.8
1.71
SSTL18I
2
1.89
VREF + 0.125
VREF – 0.125
–0.3
1.89
1.8
1.71
SSTL18II
2
1.575
VREF + 0.1
VREF – 0.1
–0.3
1.575
1.5
1.425
SSTL15I
1.575
VREF + 0.1
VREF – 0.1
–0.3
1.575
1.5
1.425
SSTL15II
1.418
VREF + 0.09
VREF – 0.09
–0.3
1.418
1.35
1.283
SSTL135I
1.418
VREF + 0.09
VREF – 0.09
–0.3
1.418
1.35
1.283
SSTL135II
1.575
VREF + 0.1
VREF – 0.1
–0.3
1.575
1.5
1.425
HSTL15I
1.575
VREF + 0.1
VREF – 0.1
–0.3
1.575
1.5
1.425
HSTL15II
1.418
VREF + 0.09
VREF – 0.09
–0.3
1.418
1.35
1.283
HSTL135I
1.418
VREF + 0.09
VREF – 0.09
–0.3
1.418
1.35
1.283
HSTL135II
14
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com