Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPFS250T-FCVG484I Fiches technique(PDF) 86 Page - Microchip Technology

No de pièce MPFS250T-FCVG484I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I Fiches technique(HTML) 86 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 82Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 83Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 84Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 85Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 86Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 87Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 88Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 89Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 128 page
background image
Condition
Unit
Max
Typ
Min
Symbol
Parameter
12.7 Gbps
6, 11
UI
0.05
dB
10
0.1
CTLE DC gain (all
stages, max set-
tings)
dB
16
0.05
CTLE AC gain (all
stages, max set-
tings)
dB
7.5
0.05
DFE AC gain (per
5 stages, max
settings)
ms
45
12
TCTLE
Auto adaptive
calibration time
(CTLE)
s
1.4
TCTLE+DFE
Auto adaptive
calibration time
(CTLE+DFE)
MHz
41.6
40
38.4
FERMCTRLCLK
Enhanced receiv-
er mangement
control clock in-
put (CTRL_CLK)
1. Valid at 3.2 Gbps and below.
2. Data vs Rx reference clock frequency.
3. Achieves compliance with PCIe electrical idle detection.
4. Achieves compliance with SATA OOB specification.
5. Rx jitter values based on bit error ratio (BER) of 10–12, AC-coupled input with 400 mV VID, all stages of
Rx CTLE enabled, DFE disabled, 80 MHz sinusoidal jitter injected to Rx data.
6. Rx jitter values based on bit error ratio (BER) of 10–12, AC-coupled input with 400 mV VID, all stages of
Rx CTLE enabled, DFE enabled, 80 MHz sinusoidal jitter injected to Rx data.
7. For PCIe: Low Threshold Setting= 0, High Threshold Setting= 2.
8. For SATA: Low Threshold Setting= 2, High Threshold Setting= 3.
9. Loss of signal is valid for data rates of 1 Gbps to 5 Gbps for PRBS7 (8B/10B) or PRBS31 (64b/6xb) data
formats. It is also valid for detection of SATA out-of-band signals at data rates up to 6 Gbps. If the default
settings for the low threshold (0x0) and high threshold (0x2) using the low range option for the peak
detector are used, then the Rx VAmplitude pk-pk (outside of data eye) at the receiver input package pins
must be a minimum of 300 mV for short reach (6.5 dB insertion loss at 5 GHz) applications, 350 mV for
medium reach (17.0 dB insertion loss at 5 GHz) applications, and 450 mV for long reach (25.0 dB insertion
loss at 5 GHz) applications—generally the settings are less limiting than what is required for good BER
operation of the SerDes. Note that if the option to force CDR Lock2Ref upon Rx Idle is set (default at
data rates of 5 Gbps and below), this minimum VAmplitude pk-pk must be enforced for proper CDR
operation.
10. Detect values measured at 1.5 Gbps with PRBS7 data pattern.
82
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com