Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPFS250T-FCVG484I Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce MPFS250T-FCVG484I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I Fiches technique(HTML) 25 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 21Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 22Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 23Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 24Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 25Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 26Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 27Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 28Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
Table 18 • Complementary Differential DC Input Levels
VID2
Max (V)
VID
2
Min (V)
VICM
1,3
Max (V)
VICM
1,3
Typ (V)
VICM
1,3
Min (V)
VDDI
Max (V)
VDDI
Typ (V)
VDDI
Min (V)
I/O Stan-
dard
VDDAUX (GPI-
O)
0.1
1.339
1.250
1.164
2.625
2.5
2.375
SSTL25I
VDDAUX (GPI-
O)
0.1
1.339
1.250
1.164
2.625
2.5
2.375
SSTL25II
VDDAUX(GPI-
O) VDDI(HSI-
O)
0.1
0.964
0.900
0.838
1.89
1.8
1.71
SSTL18I
VDDAUX(GPI-
O) VDDI(HSI-
O)
0.1
0.964
0.900
0.838
1.89
1.8
1.71
SSTL18II
VDDAUX(GPI-
O) VDDI(HSI-
O)
0.1
0.803
0.750
0.698
1.575
1.5
1.425
SSTL15I
VDDAUX(GPI-
O) VDDI(HSI-
O)
0.1
0.803
0.750
0.698
1.575
1.5
1.425
SSTL15II
VDDI (HSIO)
0.1
0.723
0.675
0.629
1.418
1.35
1.283
SSTL135I
VDDI (HSIO)
0.1
0.723
0.675
0.629
1.418
1.35
1.283
SSTL135II
VDDAUX(GPI-
O) VDDI(HSI-
O)
0.1
0.803
0.750
0.698
1.575
1.5
1.425
HSTL15I
VDDAUX(GPI-
O) VDDI(HSI-
O)
0.1
0.803
0.750
0.698
1.575
1.5
1.425
HSTL15II
VDDI (HSIO)
0.1
0.723
0.675
0.629
1.418
1.35
1.283
HSTL135I
VDDI (HSIO)
0.1
0.723
0.675
0.629
1.418
1.35
1.283
HSTL135II
VDDI (HSIO)
0.1
0.643
0.600
0.559
1.26
1.2
1.14
HSTL12I
VDDI (HSIO)
0.1
0.643
0.600
0.559
1.26
1.2
1.14
HSTL12II
VDDI (HSIO)
0.1
0.964
0.900
0.838
1.89
1.8
1.71
HSUL18I
VDDI (HSIO)
0.1
0.964
0.900
0.838
1.89
1.8
1.71
HSUL18II
VDDI (HSIO)
0.1
0.643
0.600
0.559
1.26
1.2
1.14
HSUL12I
VDDI (HSIO)
0.1
0.895
0.840
0.787
1.26
1.2
1.14
POD12I
VDDI (HSIO)
0.1
0.895
0.840
0.787
1.26
1.2
1.14
POD12II
1. VICM is the input common mode voltage.
21
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More