| Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-EG15-R4000 Fiches technique(PDF) 2 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HLMP-EG15-R4000 Fiches technique(HTML) 2 Page - Broadcom Corporation. |
|
2 / 18 page ![]() Broadcom AV02-0373EN 2 HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps Device Selection Guide Table 1: Device Selection Guide, 8° Typical Viewing Angle Typical Viewing Angle 2 ½ (Deg)a a. ½ is the off-axis angle where the luminous intensity is half the on-axis intensity. Color and Dominant Wavelength (nm), Typ.b b. The dominant wavelength, d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. Lamps without Standoffs on Leads (Outline Drawing A) Lamps with Standoffs on Leads (Outline Drawing B) Luminous Intensity Iv (mcd)c,d,e at 20 mA c. The luminous intensity is measured on the mechanical axis of the lamp package. d. The optical axis is closely aligned with the package mechanical axis. e. Tolerance for each intensity bin limit is ±15%. Min. Max. 8° Amber 590 HLMP-EL08-T0000 — 2500 — HLMP-EL08-VY000 HLMP-EL10-VY000 4200 12000 HLMP-EL08-WZ000 — 5500 16000 HLMP-EL08-X1K00 HLMP-EL10-X1K00 7200 21000 HLMP-EL08-X1000 HLMP-EL10-X1000 7200 21000 Orange 605 HLMP-EJ08-WZ000 — 5500 16000 HLMP-EJ08-X1000 — 7200 21000 HLMP-EJ08-Y2000 — 9300 27000 Red-Orange 615 HLMP-EH08-UX000 — 3200 9300 HLMP-EH08-WZ000 HLMP-EH10-WZ000 5500 16000 HLMP-EH08-Y2000 HLMP-EH10-Y2000 9300 27000 Red 626 HLMP-EG08-T0000 — 2500 — HLMP-EG08-VY000 — 4200 12000 HLMP-EG08-WZ000 HLMP-EG10-WZ000 5500 16000 HLMP-EG08-X1000 HLMP-EG10-X1000 7200 21000 HLMP-EG08-YZ000 — 9300 16000 HLMP-EG08-Y2000 HLMP-EG10-Y2000 9300 27000 |