| Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-EG15-R4000 Fiches technique(PDF) 9 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HLMP-EG15-R4000 Fiches technique(HTML) 9 Page - Broadcom Corporation. |
|
9 / 18 page ![]() Broadcom AV02-0373EN 9 HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps Part Numbering System NOTE: Refer to AB 5337 for complete information on part numbering system. HL M P - x1 x2 x3 x4 - x5 x6 x7 x8 x9 Code Description Option x1 Package type E 5mm Standard Round AlInGaP x2 Color G Red H Red Orange J Orange LAmber x3 x4 Viewing Angle and Lead Standoffs 08 8° without lead standoffs 10 10° with lead standoffs 15 15° without lead standoffs 17 15° with lead standoffs 24 23° without lead standoffs 26 23° with lead standoffs 30 30° without lead standoffs 32 30° with lead standoffs x5 Minimum intensity bin Refer to Device Selection Guide x6 Maximum intensity bin Refer to Device Selection Guide x7 Color bin selection 0 Full range 4 Amber Color bin 4 only K Color bin 2 and 4 x8 x9 Packaging option 00 Bulk Packaging DD Ammopack YY Flexi-bin: Bulk Packaging ZZ Flexi-bin: Ammopack |