| Moteur de recherche de fiches techniques de composants électroniques |
|
H5AN4G4NAFR-RDC Fiches technique(PDF) 42 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5AN4G4NAFR-RDC Fiches technique(HTML) 42 Page - Hynix Semiconductor |
|
42 / 45 page ![]() Rev. 1.3 / Mar.2016 48 DDR4-2666 Speed Bins and Operations Speed Bin DDR4-2666V Unit NOTE CL-nRCD-nRP 19-19-19 Parameter Symbol min max Internal read command to first data tAA 14.2513 (13.75)5,11 18.00 ns 11 Internal read command to first data with read DBI enabled tAA_DBI tAA(min)+3nCK tAA(max)+3nCK ns 11 ACT to internal read or write delay time tRCD 14.2513 (13.75)5,11 - ns 11 PRE command period tRP 14.2513 (13.75)5,11 - ns 11 ACT to PRE command period tRAS 32 9 x tREFI ns 11 ACT to ACT or REF command period tRC 46.25 (45.75)5,11 - ns 11 Normal Read DBI CWL = 9 CL = 9 CL = 11 tCK(AVG) Reserved ns 1,2,3,4,10 CL = 10 CL = 12 tCK(AVG) 1.5 1.6 ns 1,2,3,10 CWL = 9,11 CL = 10 CL = 12 tCK(AVG) Reserved ns 4 CL = 11 CL = 13 tCK(AVG) 1.25 <1.5 ns 1,2,3,4,9 CL = 12 CL = 14 tCK(AVG) 1.25 <1.5 ns 1,2,3,9 CWL = 10,12 CL = 12 CL = 14 tCK(AVG) Reserved ns 4 CL = 13 CL = 15 tCK(AVG) 1.071 <1.25 ns 1,2,3,4,9 CL = 14 CL = 16 tCK(AVG) 1.071 <1.25 ns 1,2,3,9 CWL = 11,14 CL = 14 CL = 17 tCK(AVG) Reserved ns 4 CL = 15 CL = 18 tCK(AVG) 0.937 <1.071 ns 1,2,3,4,9 CL = 16 CL = 19 tCK(AVG) 0.937 <1.071 ns 1,2,3,9 CWL = 12,16 CL = 15 CL = 18 tCK(AVG) Reserved ns 4 CL = 16 CL = 19 tCK(AVG) Reserved ns 1,2,3,4,9 CL = 17 CL = 20 tCK(AVG) 0.833 <0.937 ns 1,2,3,4,9 CL = 18 CL = 21 tCK(AVG) 0.833 <0.937 ns 1,2,3 CWL = 14,18 CL = 17 CL = 20 tCK(AVG) Reserved ns 1,2,3,4 CL = 18 CL = 21 tCK(AVG) Reserved ns 1,2,3,4 CL = 19 CL = 22 tCK(AVG) 0.75 <0.833 ns 1,2,3,4 CL = 20 CL = 23 tCK(AVG) 0.75 <0.833 ns 1,2,3 Supported CL Settings 10,11,12,13,14,15,16,17,18,19,20 nCK 12 Supported CL Settings with read DBI 12,13,14,15,17,18,19,20,21,22,23 nCK Supported CWL Settings 9,10,11,12,14,16,18 nCK |