Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5AN4G4NAFR-RDC Fiches technique(PDF) 25 Page - Hynix Semiconductor

No de pièce H5AN4G4NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G4NAFR-RDC Fiches technique(HTML) 25 Page - Hynix Semiconductor

Back Button H5AN4G4NAFR-RDC Datasheet HTML 21Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 22Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 23Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 24Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 25Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 26Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 27Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 28Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Rev. 1.3 / Mar.2016
61
Table 6 - IDD2NT and IDDQ2NT Measurement-Loop Pattern1
NOTE :
1. DQS_t, DQS_c are VDDQ.
2. BG1 is don’t care for x16 device
3. C[2:0] are used only for 3DS device
4. DQ signals are VDDQ.
Data4
0 0
D, D
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
-
1
D, D
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
-
2
D#, D#
1
1
1
1
1
0
0 32 3 0 0 0 7 F
0
-
3
D#, D#
1
1
1
1
1
0
0 32 3 0 0 0 7 F
0
-
1 4-7
repeat Sub-Loop 0, but ODT = 1 and BG[1:0]2 = 1, BA[1:0] = 1 instead
2 8-11
repeat Sub-Loop 0, but ODT = 0 and BG[1:0]2 = 0, BA[1:0] = 2 instead
3 12-15
repeat Sub-Loop 0, but ODT = 1 and BG[1:0]2 = 1, BA[1:0] = 3 instead
4 16-19
repeat Sub-Loop 0, but ODT = 0 and BG[1:0]2 = 0, BA[1:0] = 1 instead
5 20-23
repeat Sub-Loop 0, but ODT = 1 and BG[1:0]2 = 1, BA[1:0] = 2 instead
6 24-27
repeat Sub-Loop 0, but ODT = 0 and BG[1:0]2 = 0, BA[1:0] = 3 instead
7 28-31
repeat Sub-Loop 0, but ODT = 1 and BG[1:0]2 = 1, BA[1:0] = 0 instead
8 32-35
repeat Sub-Loop 0, but ODT = 0 and BG[1:0]2 = 2, BA[1:0] = 0 instead
For x4
and x8
only
9 36-39
repeat Sub-Loop 0, but ODT = 1 and BG[1:0]2 = 3, BA[1:0] = 1 instead
10 40-43
repeat Sub-Loop 0, but ODT = 0 and BG[1:0]2 = 2, BA[1:0] = 2 instead
11 44-47
repeat Sub-Loop 0, but ODT = 1 and BG[1:0]2 = 3, BA[1:0] = 3 instead
12 48-51
repeat Sub-Loop 0, but ODT = 0 and BG[1:0]2 = 2, BA[1:0] = 1 instead
13 52-55
repeat Sub-Loop 0, but ODT = 1 and BG[1:0]2 = 3, BA[1:0] = 2 instead
14 56-59
repeat Sub-Loop 0, but ODT = 0 and BG[1:0]2 = 2, BA[1:0] = 3 instead
15 60-63
repeat Sub-Loop 0, but ODT = 1 and BG[1:0]2 = 3, BA[1:0] = 0 instead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45