| Moteur de recherche de fiches techniques de composants électroniques |
|
LQFP100 Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP100 Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 204 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 58/203 DS8626 Rev 9 55 B6 89 133 A10 161 PB3 (JTDO/ TRACESWO) I/O FT - JTDO/ TRACESWO/ SPI3_SCK / I2S3_CK / TIM2_CH2 / SPI1_SCK/ EVENTOUT - 56 A6 90 134 A9 162 PB4 (NJTRST) I/O FT - NJTRST/ SPI3_MISO / TIM3_CH1 / SPI1_MISO / I2S3ext_SD/ EVENTOUT - 57 D7 91 135 A6 163 PB5 I/O FT - I2C1_SMBA/ CAN2_RX / OTG_HS_ULPI_D7 / ETH_PPS_OUT/TIM3_CH2 / SPI1_MOSI/ SPI3_MOSI / DCMI_D10 / I2S3_SD/ EVENTOUT - 58 C7 92 136 B6 164 PB6 I/O FT - I2C1_SCL/ TIM4_CH1 / CAN2_TX / DCMI_D5/USART1_TX/ EVENTOUT - 59 B7 93 137 B5 165 PB7 I/O FT - I2C1_SDA / FSMC_NL / DCMI_VSYNC / USART1_RX/ TIM4_CH2/ EVENTOUT - 60 A7 94 138 D6 166 BOOT0 I B - - VPP 61 D8 95 139 A5 167 PB8 I/O FT - TIM4_CH3/SDIO_D4/ TIM10_CH1 / DCMI_D6 / ETH_MII_TXD3 / I2C1_SCL/ CAN1_RX/ EVENTOUT - 62 C8 96 140 B4 168 PB9 I/O FT - SPI2_NSS/ I2S2_WS / TIM4_CH4/ TIM11_CH1/ SDIO_D5 / DCMI_D7 / I2C1_SDA / CAN1_TX/ EVENTOUT - - - 97 141 A4 169 PE0 I/O FT - TIM4_ETR / FSMC_NBL0 / DCMI_D2/ EVENTOUT - - - 98 142 A3 170 PE1 I/O FT - FSMC_NBL1 / DCMI_D3/ EVENTOUT - 63 - 99 - D5 - VSS S- - - - Table 7. STM32F40xxx pin and ball definitions(1) (continued) Pin number Pin name (function after reset)(2) Alternate functions Additional functions |