| Moteur de recherche de fiches techniques de composants électroniques |
|
LQFP100 Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP100 Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 204 page ![]() DS8626 Rev 9 55/203 STM32F405xx, STM32F407xx Pinouts and pin description 40 E3 66 99 F14 118 PC9 I/O FT - I2S_CKIN/ MCO2 / TIM8_CH4/SDIO_D1 / /I2C3_SDA / DCMI_D3 / TIM3_CH4/ EVENTOUT - 41 D1 67 100 F15 119 PA8 I/O FT - MCO1 / USART1_CK/ TIM1_CH1/ I2C3_SCL/ OTG_FS_SOF/ EVENTOUT - 42 D2 68 101 E15 120 PA9 I/O FT - USART1_TX/ TIM1_CH2 / I2C3_SMBA / DCMI_D0/ EVENTOUT OTG_FS_VBUS 43 D3 69 102 D15 121 PA10 I/O FT - USART1_RX/ TIM1_CH3/ OTG_FS_ID/DCMI_D1/ EVENTOUT - 44 C1 70 103 C15 122 PA11 I/O FT - USART1_CTS / CAN1_RX / TIM1_CH4 / OTG_FS_DM/ EVENTOUT - 45 C2 71 104 B15 123 PA12 I/O FT - USART1_RTS / CAN1_TX/ TIM1_ETR/ OTG_FS_DP/ EVENTOUT - 46 D4 72 105 A15 124 PA13 (JTMS-SWDIO) I/O FT - JTMS-SWDIO/ EVENTOUT - 47 B1 73 106 F13 125 VCAP_2 S- - - - - E7 74 107 F12 126 VSS S- - - - 48 E6 75 108 G13 127 VDD S- - - - - - - - E12 128 PH13 I/O FT - TIM8_CH1N / CAN1_TX/ EVENTOUT - - - - - E13 129 PH14 I/O FT - TIM8_CH2N / DCMI_D4/ EVENTOUT - - - - - D13 130 PH15 I/O FT - TIM8_CH3N / DCMI_D11/ EVENTOUT - - C3 - - E14 131 PI0 I/O FT - TIM5_CH4 / SPI2_NSS / I2S2_WS / DCMI_D13/ EVENTOUT - - B2 - - D14 132 PI1 I/O FT - SPI2_SCK / I2S2_CK / DCMI_D8/ EVENTOUT - Table 7. STM32F40xxx pin and ball definitions(1) (continued) Pin number Pin name (function after reset)(2) Alternate functions Additional functions |