Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSPRC032A Fiches technique(PDF) 5 Page - California Micro Devices Corp

No de pièce CSPRC032A
Description  4 Channel EMI Filter Network
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPRC032A Fiches technique(HTML) 5 Page - California Micro Devices Corp

  CSPRC032A Datasheet HTML 1Page - California Micro Devices Corp CSPRC032A Datasheet HTML 2Page - California Micro Devices Corp CSPRC032A Datasheet HTML 3Page - California Micro Devices Corp CSPRC032A Datasheet HTML 4Page - California Micro Devices Corp CSPRC032A Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
11/09/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
5
CSPRC032A
Mechanical Details
CSP Mechanical Specifications
The CSPRC032A is offered in a custom Chip Scale
Package (CSP). Dimensions are presented below. For
complete information on CMD’s Chip Scale Packaging,
see the California Micro Devices CSP Package Infor-
mation document.
Package Dimensions for
CSPRC032A 9-bump Chip Scale Package
CSP Tape and Reel Specifications
Figure 4. Tape and Reel Mechanical Data
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
9
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
0.940
0.985
1.030
0.0370 0.0388 0.0406
A2
2.440
2.485
2.530
0.0961 0.0978 0.0996
B1
0.495
0.500
0.505
0.0195 0.0197 0.0199
B2
0.495
0.500
0.505
0.0195 0.0197 0.0199
C1
0.1925 0.2425 0.2925 0.0076 0.0095 0.0115
C2
0.1925 0.2425 0.2925 0.0076 0.0095 0.0115
D1
0.561
0.605
0.649
0.0221 0.0238 0.0256
D2
0.355
0.380
0.405
0.0140 0.0150 0.0160
# per tape
and reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
4
5
B
C1
B1
A1
D1
D2
BOTTOM VIEW
SIDE
VIEW
A
1
2
3
DIMENSIONS IN MILLIMETERS
A
B
0.30 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
96.8/2.6/0.6 Sn/Ag/Cu (Lead-free)
PART NUMBER
PKG. SIZE (mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE WIDTH
W
REEL
DIA.
QTY
PER
REEL
P0
P1
CSPRC032A
2.485 X 0.985 X 0.605
2.62 X 1.12 X 0.762
8mm
178mm (7")
3500
4mm
4mm
Top
For tape feeder reference
Cover
Tape
P1
only including draft.
Concentric around B.
Ko
Embossment
User Direction of Feed
±0.2 mm
Po
Center Lines
of Cavity
W
10 Pitches Cumulative
Tolerance On Tape
Ao
Bo



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com