Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSPRC032A Fiches technique(PDF) 3 Page - California Micro Devices Corp

No de pièce CSPRC032A
Description  4 Channel EMI Filter Network
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPRC032A Fiches technique(HTML) 3 Page - California Micro Devices Corp

  CSPRC032A Datasheet HTML 1Page - California Micro Devices Corp CSPRC032A Datasheet HTML 2Page - California Micro Devices Corp CSPRC032A Datasheet HTML 3Page - California Micro Devices Corp CSPRC032A Datasheet HTML 4Page - California Micro Devices Corp CSPRC032A Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
11/09/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
CSPRC032A
Note 1: Electrical Operating Characteristics are guaranteed over the Operating Temperature Range unless otherwise specified.
Note 2: Parameters guaranteed by design or characterization.
Filter Performance
CSPRC032 Filter Typical Measured Frequency Response (S21) Measurement
The measurement is done with 50
Ω-source and 50Ω-load impedance using a HP8753C Network Analyzer with a
HP85047A S-parameter Test Set.
ELECTRICAL OPERATING CHARACTERISTICS(NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILEAK
Leakage Current, An or Bn to GND
VIN=6.0V
1
µA
RResistance
45
50
55
C
Capacitance
34
43
52
pF
TOLR
Resistor Absolute Tolerance
R = 50
+10
%
TOLC
Capacitor Absolute Tolerance
C=43pF
+20
%
TCR
Temperature Coefficient of
Resistance
Note 2
+150
ppm/°C
TCC
Temperature Coefficient of
Capacitance
Note 2
+500
ppm/°C
FC
Filter Cutoff Frequency
ZSOURCE=0, ZLOAD=
ZSOURCE=50, ZLOAD=50
R=50
, C=43pF;
74
82
MHz
MHz



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com