Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F5671CDGLK Fiches technique(PDF) 21 Page - Renesas Technology Corp

No de pièce R5F5671CDGLK
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDGLK Fiches technique(HTML) 21 Page - Renesas Technology Corp

Back Button R5F5671CDGLK Datasheet HTML 17Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 18Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 19Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 20Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 21Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 22Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 23Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 24Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 21 of 178
Apr 15, 2022
16-bit timer pulse unit
TIOCA0, TIOCB0,
TIOCC0, TIOCD0
I/O
The TGRA0 to TGRD0 input capture input/output compare
output/PWM output pins
TIOCA1, TIOCB1
I/O
The TGRA1 and TGRB1 input capture input/output compare
output/PWM output pins
TIOCA2, TIOCB2
I/O
The TGRA2 and TGRB2 input capture input/output compare
output/PWM output pins
TIOCA3, TIOCB3,
TIOCC3, TIOCD3
I/O
The TGRA3 to TGRD3 input capture input/output compare
output/PWM output pins
TIOCA4, TIOCB4
I/O
The TGRA4 and TGRB4 input capture input/output compare
output/PWM output pins
TIOCA5, TIOCB5
I/O
The TGRA5 and TGRB5 input capture input/output compare
output/PWM output pins
TCLKA, TCLKB,
TCLKC, TCLKD
Input
Input pins for external clock signals or for phase counting mode
clock signals
Programmable pulse
generator
PO0 to PO31
Output
Output pins for the pulse signals
8-bit timer
TMO0 to TMO3
Output
Compare match output pins
TMCI0 to TMCI3
Input
Input pins for external clocks to be input to the counter
TMRI0 to TMRI3
Input
Input pins for the counter reset
Compare match timer W
TIC0 to TIC3
Input
Input pins for CMTW
TOC0 to TOC3
Output
Output pins for CMTW
Serial communications
interface (SCIk)
• Asynchronous mode/clock synchronous mode
SCK0 to SCK9
I/O
Input/output pins for the clock
RXD0 to RXD9
Input
Input pins for received data
TXD0 to TXD9
Output
Output pins for transmitted data
CTS0# to CTS9#
Input
Input pins for controlling the start of transmission and reception
RTS0# to RTS9#
Output
Output pins for controlling the start of transmission and
reception
• Simple I2C mode
SSCL0 to SSCL9
I/O
Input/output pins for the I2C clock
SSDA0 to SSDA9
I/O
Input/output pins for the I2C data
• Simple SPI mode
SCK0 to SCK9
I/O
Input/output pins for the clock
SMISO0 to SMISO9
I/O
Input/output pins for slave transmission of data
SMOSI0 to SMOSI9
I/O
Input/output pins for master transmission of data
SS0# to SS9#
Input
Chip-select input pins
Table 1.4
Pin Functions (3/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com