Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F5671CDGLK Fiches technique(PDF) 33 Page - Renesas Technology Corp

No de pièce R5F5671CDGLK
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDGLK Fiches technique(HTML) 33 Page - Renesas Technology Corp

Back Button R5F5671CDGLK Datasheet HTML 29Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 30Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 31Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 32Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 33Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 34Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 35Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 36Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 33 of 178
Apr 15, 2022
1.5.7
64-Pin LFQFP
Figure 1.9
Pin Assignment (64-Pin LFQFP)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
P31
P26
P27
P17
P16
P13
P12
VCC_USB
PH2/USB0_DM
PH1/USB0_DP
VSS_USB
P53
PC7
PC6
PC5
PC4
PE0
PD7
PD6
PD5
PD4
PD3
PD2
P43
P42
P41
VREFL0
P40
VREFH0
AVCC0
AVSS0
P05
Note:
This figure indicates the power supply pins and I/O port pins. For the pin configuration,
see Table 1.11, List of Pin and Pin Functions (64-Pin LFQFP).
RX671 Group
PLQP0064KB-C
(64-pin LFQFP)
(Top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com