| Moteur de recherche de fiches techniques de composants électroniques |
|
MPP2018 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MPP2018 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 4 page ![]() info@magigoo.com www.magigoo.com MAGIGOO Thought3D Ltd, Unit2150, KBIC, Kordin Industrial Estate Paola, PLA3000, Malta Application Method: Step 1: Shake the bottle. Step 2: Press nib against the surface. NB! The Magigoo – Polypropylene container is spring activated. Pressing the bottle without pressing the nib against the bed may result in applicator popping off and product wastage. Step 3: Apply to Desired area Step 4: Print NB! After print, wait until the build plate is cool to remove prints easily. It is recommended to gently peel away the brim around the part and then attempting to remove the part by hand. If the part is hard to remove, a scraper should be used to assist part removal. In cases of excess adhesion, it is recommended to wet print bed with a small amount of water slowly working it below the part. This should make part removal easier. Step 5: Clean NB! Use a wet sponge to remove all glue residue. Once the glue layer is wet it will form a white layer which can be easily scrubbed off with an abrasive sponge. Once the layer is completely loose from the glass it can be wiped away with a wet cloth and finally cleaned with a dry paper towel. 3 * Images are illustrative. Spring activated valve inside |