| Moteur de recherche de fiches techniques de composants électroniques |
|
MPP2018 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MPP2018 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 4 page ![]() info@magigoo.com www.magigoo.com MAGIGOO Thought3D Ltd, Unit2150, KBIC, Kordin Industrial Estate Paola, PLA3000, Malta Part should become easier to remove after sufficient cooling (maximum half an hour after printing). The best and most reliable performance is achieved when Magigoo Polypropylene is applied as a thin layer. This means that cleaning and re- applying between prints is recommended especially on longer prints or challenging prints. Storage and Handling: Magigoo – Polypropylene should be stored in a cool dry place away from direct sunlight. After use magigoo should be stored in an upright position and with the cap on. Excess adhesive on the nib can cause the applicator adhering to the cap. To prevent this, make sure no excess Magigoo remains on the rim of the applicator after use. Known Hazards: Causes serious eye damage Wash hands and exposed skin thoroughly after handling. Wear protective gloves. Incompatible materials: Iron, Copper, Zinc. Please refer to the SDS for full safety information. 2 |