| Moteur de recherche de fiches techniques de composants électroniques |
|
MF2DL1000DA4/02 Fiches technique(PDF) 74 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF2DL1000DA4/02 Fiches technique(HTML) 74 Page - NXP Semiconductors |
|
74 / 132 page ![]() NXP Semiconductors MF2DL(H)x0 MIFARE DESFire Light contactless application IC MF2DL_H_x0 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product data sheet Rev. 3.3 — 5 April 2019 COMPANY PUBLIC 430733 74 / 132 11.7 File management commands The MF2DL(H)x0 provides the following command set for File Management functions. 11.7.1 ChangeFileSettings The ChangeFileSettings command changes the access parameters of an existing file. The communication mode can be either CommMode.Plain or CommMode.Full based on current access right of the file. aaa-032205 PICC to PCD PCD to PICC CLA 90 CMD 5F P1 00 P2 00 Lc XX 1 1 1 1 1 Le 00 1 Response data - 0 SW1 status 1 SW2 1 1 2 FileNo 1 FileOption [2, 4] TMCLimit AccesRights Figure 22. ChangeFileSettings command protocol Table 66. Command parameters description - ChangeFileSettings Name Length Value Description Command Header Parameters Cmd 1 5Fh Command code. 1 - File number of the targeted file. Bit 7-5 RFU FileNo Bit 4-0 File number Command Data Parameters 1 - Options for the targeted file. Bit 7-6 00b RFU if targeting a TransactionMAC file: TMCLimit configuration 0b disabled Bit 5 1b enabled Bit 5 0b RFU for all other file types if targeting a TransactionMAC file: exclude unauthenticated operations from TMI 0b disabled Bit 4 1b enabled Bit 4 0b RFU for all other file types Bit 3-2 00b RFU FileOption Bit 1-0 CommMode (see Table CommunicationModes) AccessRights 2 - Set of access conditions for the first set in the file (see Section 8.2.3.5). TMCLimit [2,4] - [Optional, present if FileOption[Bit 5] = 1b] TMCLimit |