| Moteur de recherche de fiches techniques de composants électroniques |
|
MF2DL1000DA4/02 Fiches technique(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF2DL1000DA4/02 Fiches technique(HTML) 49 Page - NXP Semiconductors |
|
49 / 132 page ![]() NXP Semiconductors MF2DL(H)x0 MIFARE DESFire Light contactless application IC MF2DL_H_x0 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product data sheet Rev. 3.3 — 5 April 2019 COMPANY PUBLIC 430733 49 / 132 11 Command set 11.1 Introduction This section contains the full command set of MIFARE DESFire Light. The command set is, where applicable, a compatible subset of MIFARE DESFire EV2 commands. Therefore, some parameters like the Option parameter for the SetConfiguration command may seem to have arbitrary values assigned. Remark: In the figures and tables, always CommMode.Plain is presented and the field length is valid for the plain data length. For the CommMode.MAC and CommMode.Full, the cryptogram needs to be calculated according to the secure messaging Section 9, then data field needs to fill with the cryptogram (Plain; CMAC; encrypted data with CMAC). Communication mode and condition are mentioned in the command description. 11.2 Supported commands and APDUs Table 19. APDUs Command C-APDU (hex) R-APDU (hex) Communication mode INS CLA INS P1 P2 Lc Data Le Data SW1SW2 Succ essful AbortTransaction 90 A7 00 00 XX - 00 - 9100 MAC AuthenticateEV2First - Part1 90 71 00 00 XX Data 00 Data 91AF N/A (command specific) AuthenticateEV2First - Part2 90 AF 00 00 20 Data 00 Data 9100 AuthenticateEV2NonFirst - Part1 90 77 00 00 XX Data 00 Data 91AF N/A (command specific) AuthenticateEV2NonFirst - Part2 90 AF 00 00 20 Data 00 Data 9100 AuthenticateLRPFirst - Part1 90 71 00 00 XX Data 00 Data 91AF N/A (command specific) AuthenticateLRPFirst - Part2 90 AF 00 00 20 Data 00 Data 9100 AuthenticateLRPNonFirst - Part1 90 77 00 00 XX Data 00 Data 91AF N/A (command specific) AuthenticateLRPNonFirst - Part2 90 AF 00 00 20 Data 00 Data 9100 ChangeFileSettings 90 5F 00 00 XX Data 00 - 9100 CommMode.Full ChangeKey 90 C4 00 00 XX Data 00 - 9100 CommMode.Full ClearRecordFile 90 EB 00 00 XX Data 00 - 9100 CommMode.MAC CommitReaderID 90 C8 00 00 XX Data 00 Data 9100 CommMode.MAC CommitTransaction 90 C7 00 00 XX XX 00 Data 9100 CommMode.MAC CreateTransactionMACFile 90 CE 00 00 XX Data 00 - 9100 CommMode.Full Credit 90 0C 00 00 XX Data 00 - 9100 Comm. mode of targeted file Debit 90 DC 00 00 XX Data 00 - 9100 Comm. mode of targeted file DeleteTransactionMACFile 90 DF 00 00 01 File ID 00 - 9100 CommMode.MAC GetCardUID 90 51 00 00 - - 00 Data 9100 CommMode.Full GetFileIDs 90 6F 00 00 - - 00 Data 9100 CommMode.MAC GetFileSettings 90 F5 00 00 01 File number 00 Data 9100 CommMode.MAC |