Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8522 Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc

No de pièce WM8522
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522 Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc

  WM8522 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Pre-Production
WM8522
w
PP Rev 3.1 May 2006
3
PIN CONFIGURATION 28 LEAD SSOP
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8522GEDS/V
-25 to +85
oC
28-lead SSOP
(Pb-free)
MSL3
260
°C
WM8522GEDS/RV
-25 to +85
oC
28-lead SSOP
(Pb-free, tape and reel)
MSL3
260
°C
Note:
Reel quantity = 2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39