Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8522 Fiches technique(PDF) 37 Page - Wolfson Microelectronics plc

No de pièce WM8522
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522 Fiches technique(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8522 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 39Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Pre-Production
WM8522
w
PP Rev 3.1 May 2006
37
SUGGESTED ANALOGUE LOW PASS POST DAC FILTERS
Ω
Ω
Figure 31 Recommended 1st Order Low Pass Filter
Note: Capacitors should be COG dielectric.
An external single pole RC filter is recommended for each channel (see Figure 31) if the device is
driving a wideband amplifier. However the WM8522 does contain an internal low pass filter which
should be adequate in most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39