| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS950218 Fiches technique(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS950218 Fiches technique(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 19 page ![]() 7 Integrated Circuit Systems, Inc. ICS950218 0466B—03/17/04 Byte 1: Output Control Register (1 = enable, 0 = disable) Byte 3: Output Control Register (1 = enable, 0 = disable) Byte 2: Output Control Register (1 = enable, 0 = disable) Byte 4: Output Control Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B4 4 , 5 41 2 C / T U P C 6 t i B7 3 , 8 31 1 C / T U P C 5 t i B0 4 , 1 41 0 C / T U P C 4 t i B- X k c a b d a e R 4 S F 3 t i B- X k c a b d a e R 3 S F 2 t i B- X k c a b d a e R 2 S F 1 t i B- X k c a b d a e R 1 S F 0 t i B- X k c a b d a e R 0 S F t i B# n i PD W Pn o i t p i r c s e D 7 t i B- 1 d e v r e s e R 6 t i B7 11 9 _ K L C I C P 5 t i B6 11 8 _ K L C I C P 4 t i B5 11 7 _ K L C I C P 3 t i B4 11 6 _ K L C I C P 2 t i B2 11 5 _ K L C I C P 1 t i B1 11 4 _ K L C I C P 0 t i B0 11 3 _ K L C I C P t i B# n i PD W Pn o i t p i r c s e D 7 t i B- X ) k c a b d a e r ( 0 L E S i t l u M 6 t i B- X ) k c a b d a e R ( 1 L E S i t l u M 5 t i B1 31 0 _ 6 6 V 3 4 t i B0 31 1 _ 6 6 V 3 3 t i B8 41 0 F E R 2 t i B1 1 1 F E R 1 t i B7 21 z H M 8 4 _ 6 6 V 3 0 t i B8 21 2 _ 6 6 V 3 Notes: 1. PWD = Power on Default 2. For disabled clocks, they stop low for single ended clocks. Differential CPU clocks stop with CPUCLKT at high, CPUCLKC off, and external resistor termination will bring CPUCLKC low. t i B# n i PD W Pn o i t p i r c s e D 7 t i B3 21 z H M 8 4 _ 4 2 6 t i B2 21 z H M 8 4 5 t i B- 1 e l b a s i D = 0 , e l b a n E = 1 t c e t e d t f i h s r a e g t e s e R 4 t i B- 0 I = 1 ; e r a w d r a h y b # 4 2 _ 8 4 l e S = 0 2C 3 t i B- 0 z H M 8 4 = 1 , z H M 4 2 = 0 , # 4 2 _ 8 4 l e S 2 t i B8 1 2 _ K L C I C P 1 t i B7 1 1 _ K L C I C P 0 t i B6 1 0 _ K L C I C P |